Part Number Hot Search : 
MAX3190 80PF140W 1N5618U ZMM5246B BA1350 14B101 TOP255LN WM2636CD
Product Description
Full Text Search
 

To Download 15SMC220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5SMC6V8 ........... 1.5SMC220A 1.5SMC6V8C ...... 1.5SMC220CA
1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
Dimensions in mm. CASE: SMC/DO-214AB
Voltage 6.8 to 220 V
Power 1500 W/ms
(R)
7.8 0.3
1.25 0.25
1.25 0.25
Week code
* Glass passivated junction * Typical IRM less than 1 A above 10V * Response time typically <1ns * The plastic material carries UL 94 V-0 * Low profile package * Easy pick and place * High temperature soldering 260 C 10 sec
2.8 7.2
Year code Type No. Closs
Standard soldering pad
MECHANICAL DATA Terminals: Solder plated, solderable per IEC 68-2-20. Standard Packaging: 8 mm. tape (EIA-RS-481) Weight: 1.12 g.
Maximum Ratings and Electrical Characteristics at 25 C
PPPM IFSM VF Peak Pulse Power Dissipation with 10/1000 s exponential pulse Peak Forward Surge Current 8.3 ms. (Jedec Method) (Note 1) Max. forward voltage drop at IF = 100 A
(Note 1)
1500 W 200 A 3.5 V
- 65 to + 175 C
TJ - TSTG Operating Junction and Storage Temperature Range
Note 1: Only for Unidirectional
Jun - 03
1.5SMC6V8...........1.5SMC220A 1.5SMC6V8C......1.5SMC220CA
Maximum Reverse Leakage Current I RM at V RM (1) Breakdown Voltage V BR at (V) Max. Clamping Voltage V CL I pp at max. 1ms. Expo. (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 (A) 139 143 128 132 120 124 109 112 100 103 93 96 87 90 79 82 68 71 64 67 56.5 59.5 51.5 54 47 49 43 45 38.5 40 34.5 36 31.5 33 29 30 26.5 28 24 25.3 22.2 23.2 20.4 21.4
Type Unidirectional
1.5SMC6V8 1.5SMC6V8A 1.5SMC7V5 1.5SMC7V5A 1.5SMC8V2 1.5SMC8V2A 1.5SMC9V1 1.5SMC9V1A 1.5SMC10 1.5SMC10A 1.5SMC11 1.5SMC11A 1.5SMC12 1.5SMC12A 1.5SMC13 1.5SMC13A 1.5SMC15 1.5SMC15A 1.5SMC16 1.5SMC16A 1.5SMC18 1.5SMC18A 1.5SMC20 1.5SMC20A 1.5SMC22 1.5SMC22A 1.5SMC24 1.5SMC24A 1.5SMC27 1.5SMC27A 1.5SMC30 1.5SMC30A 1.5SMC33 1.5SMC33A 1.5SMC36 1.5SMC36A 1.5SMC39 1.5SMC39A 1.5SMC43 1.5SMC43A 1.5SMC47 1.5SMC47A 1.5SMC51 1.5SMC51A
Marking Code
IR
(A)
1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6
Min.
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5
Nom.
6.8 6.8 7.5 7.5 8.2 8.2 9.1 9.1 10 10 11 11 12 12 13 13 15 15 16 16 18 18 20 20 22 22 24 24 27 27 30 30 33 33 36 36 39 39 43 43 47 47 51 51
Max.
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6
(mA)
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
UAA UAB UAC UAD UAE UAF UAG UAH UAK UAL UAM UAN UAP UAR UAS UAT UAU UAV UAW UAX UAY UAZ UBA UBB UBC UBD UBE UBF UBG UBH UBK UBL UBM UBN UBP UBR UBS UBT UBU UBV UBW UBX UBY UBZ
(1) Tested with pulses. Pulse test: tp 50 ms; < 2%
Jun - 03
1.5SMC6V8...........1.5SMC220A 1.5SMC6V8C......1.5SMC220CA
Maximum Reverse Leakage Current I RM at V RM (1) Breakdown Voltage V BR (V) at IR Max. Clamping Voltage V CL I pp at max. 1ms. Expo. (V) 80.5 77.0 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 (A) 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12 10.4 11 9.5 9.9 8.7 9.1 8 8.4 7 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 4.3 4.6
Type Unidirectional
1.5SMC56 1.5SMC56A 1.5SMC62 1.5SMC62A 1.5SMC68 1.5SMC68A 1.5SMC75 1.5SMC75A 1.5SMC82 1.5SMC82A 1.5SMC91 1.5SMC91A 1.5SMC100 1.5SMC100A 1.5SMC110 1.5SMC110A 1.5SMC120 1.5SMC120A 1.5SMC130 1.5SMC130A 1.5SMC150 1.5SMC150A 1.5SMC160 1.5SMC160A 1.5SMC170 1.5SMC170A 1.5SMC180 1.5SMC180A 1.5SMC200 1.5SMC200A 1.5SMC220 1.5SMC220A
Marking Code
(A)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185
Min.
50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209
Nom.
56 56 62 62 68 68 75 75 82 82 91 91 100 100 110 110 120 120 130 130 150 150 160 160 170 170 180 180 200 200 220 220
Max.
61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231
(mA)
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
UCA UCB UCC UCD UCE UCF UCG UCH UCK UCL UCM UCN UCP UCR UCS UCT UCU UCV UCW UCX UCY UCZ UDA UDB UDC UDD UDE UDF UDG UDH UDK UDL
(1) Tested with pulses. Pulse test: tp 50 ms; < 2%
Jun - 03
1.5SMC6V8...........1.5SMC220A 1.5SMC6V8C......1.5SMC220CA
Maximum Reverse Leakage Current I
RM
(1)
Type Bidirectional
1.5SMC6V8C 1.5SMC6V8CA 1.5SMC7V5C 1.5SMC7V5CA 1.5SMC8V2C 1.5SMC8V2CA 1.5SMC9V1C 1.5SMC9V1CA 1.5SMC10C 1.5SMC10CA 1.5SMC11C 1.5SMC11CA 1.5SMC12C 1.5SMC12CA 1.5SMC13C 1.5SMC13CA 1.5SMC15C 1.5SMC15CA 1.5SMC16C 1.5SMC16CA 1.5SMC18C 1.5SMC18CA 1.5SMC20C 1.5SMC20CA 1.5SMC22C 1.5SMC22CA 1.5SMC24C 1.5SMC24CA 1.5SMC27C 1.5SMC27CA 1.5SMC30C 1.5SMC30CA 1.5SMC33C 1.5SMC33CA 1.5SMC36C 1.5SMC36CA 1.5SMC39C 1.5SMC39CA 1.5SMC43C 1.5SMC43CA 1.5SMC47C 1.5SMC47CA 1.5SMC51C 1.5SMC51CA
Marking Code
at
V RM
Breakdown Voltage V BR at (V)
IR
Max. Clamping Voltage V CL Ipp at max. 1ms. Expo. (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.5 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 (A) 139 143 128 132 120 124 109 112 100 103 93 96 87 90 79 82 68 71 64 67 56.5 59.5 51.5 54 47 49 43 45 38.5 40 34.5 36 31.5 33 29 30 26.5 28 24 25.3 22.2 23.2 20.4 21.4
(A)
1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6
Min.
6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5
Nom.
6.8 6.8 7.5 7.5 8.2 8.2 9.1 9.1 10 10 11 11 12 12 13 13 15 15 16 16 18 18 20 20 22 22 24 24 27 27 30 30 33 33 36 36 39 39 43 43 47 47 51 51
Max.
7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6
(mA)
10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
BGA BGB BGC BGD BGE BGF BGG BGH BGK BGL BGM BGN BGP BGR BGS BGT BGU BGV BGW BGX BGY BGZ BHA BHB BHC BHD BHE BHF BHG BHH BHK BHL BHM BHN BHP BHR BHS BHT BHU BHV BHW BHX BHY BHZ
(1) Tested with pulses. Pulse test: tp 50 ms; < 2%
Jun - 03
1.5SMC6V8...........1.5SMC220A 1.5SMC6V8C......1.5SMC220CA
Maximum Reverse Leakage Current I RM at V RM (1) Breakdown Voltage V BR at (V) Max. Clamping Voltage V CL I pp at max. 1ms. Expo. (V) 80.5 77.0 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 (A) 18.6 19.5 16.9 17.7 15.3 16.3 13.9 14.6 12.7 13.3 11.4 12 10.4 11 9.5 9.9 8.7 9.1 8 8.4 7 7.2 6.5 6.8 6.2 6.4 5.8 6.1 5.2 5.5 4.3 4.6
Type Bidirectional
1.5SMC56C 1.5SMC56CA 1.5SMC62C 1.5SMC62CA 1.5SMC68C 1.5SMC68CA 1.5SMC75C 1.5SMC75CA 1.5SMC82C 1.5SMC82CA 1.5SMC91C 1.5SMC91CA 1.5SMC100C 1.5SMC100CA 1.5SMC110C 1.5SMC110CA 1.5SMC120C 1.5SMC120CA 1.5SMC130C 1.5SMC130CA 1.5SMC150C 1.5SMC150CA 1.5SMC160C 1.5SMC160CA 1.5SMC170C 1.5SMC170CA 1.5SMC180C 1.5SMC180CA 1.5SMC200C 1.5SMC200CA 1.5SMC220C 1.5SMC220CA
Marking Code
IR
(A)
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
(V)
45.4 47.8 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185
Min.
50.4 53.2 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209
Nom.
56 56 62 62 68 68 75 75 82 82 91 91 100 100 110 110 120 120 130 130 150 150 160 160 170 170 180 180 200 200 220 220
Max.
61.6 58.8 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231
(mA)
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
BKA BKB BKC BKD BKE BKF BKG BKH BKK BKL BKM BKN BKP BKR BKS BKT BKU BKV BKW BKX BKY BKZ BLA BLB BLC BLD BLE BLF BLG BLH BLK BLL
(1) Tested with pulses. Pulse test: tp 50 ms; < 2%
Jun - 03
1.5SMC6V8 ............... 1.5SMC220A 1.5SMC6V8C .......... 1.5SMC220CA
DERATING CURVE
100 100 Ipp 75
50
Ipp/2
50
25
10 s 1 ms
1
t - time
0 0 25 50 75 100 125 150 175
Temperature in C
Pulse wave form 10/1000
PEAK PULSE POWER RATING CURVE
TYPICAL JUNCTION CAPACITANCE
10
5
10
4
10
4
10
3
Measured at VBR and 1 MHz.
10
3
10
2
10 0.1s
2
10 1s 10s 100s 1ms 10ms 1 10 10
2
10
3
10
4
Pulse time - t
VBR - Breakdown voltage (V)
Jun - 03


▲Up To Search▲   

 
Price & Availability of 15SMC220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X